Part Number Hot Search : 
ORT9303B TA820 FD111 622XMS EC1SC16 134144 Z2SMB39 114EK
Product Description
Full Text Search
 

To Download BH-2033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  modular fuseblocks bh-2 series for high-speed semiconductor fuses 0-5000 volts, 400 amps form no. bh-2 page 1 of 2 data sheet: 1202 bussmann buss 67.31 2.650" 126.36 4.975" b 99.82 3.930" a buss c 17.78 0.7" 79.50 3.130" 13.97 x 15.62 .55" x .615" 31.75 1.250" 31.75 1.250" 6.60 x 9.53 .26" x .375" (typ. 3) (typ. 3) catalog symbol: bh-2 series base: light weight, high temperature thermoplastic mounting studs: plated steel connector: tin-plated aluminum. standard connector accepts #6 - 250 mcm copper wire nut: plated steel washer: spring steel agency information: ul recognized, guide izlt2, file e14853 up to 700 volts csa certified, class 6225-01, file 47235 up to 700 volts withstand rating: 200,000a rms sym. or interrupting rating of fuse used, whichever is smaller. dimensional data mm ( .25) inches ( .01) block series bh - 2 x x x notes: 1. always check applicable end use standards for required spacing between blocks, fuses or other hardware. 2. for applications above 700v, consult appropriate electrical standard for proper creepage distances, clearance distances and i nsulator voltage withstand ratings. agency information 0 no agency information 1 ul recognition and csa certification 2 ul recognition only 3 csa certification only wire connector 0 no connector 3 2 hole for #6 - 250mcm copper wire (for use with base 1, 2, & 3) stud size 1? - 20 2t? -18 3? -16 catalog code description: ce logo denotes compliance with european union low voltage directive (50-1000 vac, 75-1500 vdc). refer to data sheet: 8002 or contact bussmann application engineering at 314-527-1270 for more information. 6-26-02 n02099
modular fuseblocks bh-2 series for high-speed semiconductor fuses 0-5000 volts, 400 amps form no. bh-2 page 2 of 2 data sheet: 1202 bussmann the only controlled copy of this data sheet is the electronic read-only version located on the bussmann network drive. all othe r copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with desig n applications. bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. bussmann also reserves the rig ht to change or update, without notice, any technical information con- tained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. electrical characteristics fuseblock stud fuse volt dimensions mm / inches buss cat. no. part no. ref. rating "a" "b" "c" 170e7183 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e7184 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e7185 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e7187 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e7188 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e7189 BH-2033 ? 5000v 450.09 / 17.720 629.41 / 24.780 495.05 / 19.490 170e8129 BH-2033 ? 3300v 163.07 / 6.420 342.39 / 13.480 208.03 / 8.190 170e9629 BH-2033 ? 4000v 299.97 / 11.810 479.30 / 18.870 344.93 / 13.580 170e9630 BH-2033 ? 4000v 299.97 / 11.810 479.30 / 18.870 344.93 / 13.580 6-26-02 n02099


▲Up To Search▲   

 
Price & Availability of BH-2033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X